PART |
Description |
Maker |
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
AVT3442613 AV3300613 AV3324613 AV32523 AV3412613 A |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, THROUGH HOLE-STRAIGHT ROHS COMPLIANT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3A, 30VDC, 3.3mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 3.3mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5A, 30VDC, 4mm, THROUGH HOLE-RIGHT ANGLE
|
|
TMCFD6ST2560W TMCGH3ST2560C TMCFD6ST2560C ST2060Y |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 10.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 5.71mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 8.38mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 8.38mm, PANEL MOUNT
|
ITT CANNON
|
E4-271 D8-344 MS25356-1 S3-5 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4A, 28VDC, 0.51mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 6PST, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 1.52mm, PANEL MOUNT
|
EATON CORP
|
E62-10A |
SWITCH SNAP SPDT 10A SS TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp.
|
G13-00J G20-00A |
SWITCH SNAP PLAST SPDT .1A QC SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 3.3mm, PANEL MOUNT
|
THE CHERRY CORP
|
1DM57 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 9.6mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
BZE6-2RN-F1 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 7.54mm, PANEL MOUNT
|
Clarostat
|
D2SW-P2L3D |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 30VDC, 0.8mm, THROUGH HOLE-STRAIGHT
|
ZETTLER electronics GmbH
|
GLCB04C-Q01 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
BZ-2RW8244-A2 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 5.56mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
|